Part Number Hot Search : 
URF0610 332M0 2K400 EMS8E XN4506 OP400 CS8530 NTD4858
Product Description
Full Text Search
 

To Download 0430452217 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0430452217 Active
microfit_30 3.00mm (.118") Pitch Micro-Fit 3.0TM Header, Surface Mount, Dual Row, Vertical, with Press-fit Metal Retention Clip, 22 Circuits, 0.76m (30") Gold (Au) Selective Plating, Glow Wire Compatible
Documents: 3D Model Drawing (PDF)
Product Specification PS-43045 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only
Series
Agency Certification
CSA TUV UL LR19980 R72081037 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Overview Product Literature Order No Product Name PCB Headers 43045 Wire-to-Board Glow Wire Equivalent Part Number 430452217. High Temperature, Square Pin, Solder Type microfit_30 USA-106 Micro-Fit 3.0TM
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Mated Height (in) Mated Height (mm) Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Shrouded Stackable No 22 22 Black 30 94V-0 Yes 0.680 In 17.27 mm Brass Tin Tin High Temperature Thermoplastic 2 Vertical Yes Yes 0.062 In 1.60 mm Embossed Tape on Reel 0.118 In 3.00 mm 35 0.88 35 0.88 Yes Fully No
Search Parts in this Series 43045Series Mates With 43025
Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
N/A -40C to +105C Surface Mount
Electrical
Current - Maximum per Contact Voltage - Maximum 5A 250V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 30 Reflow Capable (SMT only) 3 260
Material Info Reference - Drawing Numbers
Application Specification Packaging Specification Product Specification Sales Drawing Test Summary AS-43555-001 PK-70873-05** PS-43045, RPS-43045-003, RPS-43045-004 SD-43045-006 TS-43045-001, TS-43045-002
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0430452217

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X